PART |
Description |
Maker |
R3111Q091A R3111Q091A-T1 R3111Q091A-TR R3111Q091A- |
Low voltage detector. Detector threshold (-Vdet) 5.5V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: Nch open drain. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: Nch open drain. Standard taping specification TR LOW VOLTAGE DETECTOR R3111XXX1A/C SERIES Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 5.6V. Output type: CMOS. Standard taping specification TR
|
RICOH[RICOH electronics devices division]
|
KIA7435F KIA7435P KIA7421F KIA7421P KIA7434F KIA74 |
VOLTAGE DETECTOR 电压检测器 (KIA7419 - KIA7445) VOLTAGE DETECTOR Active High Voltage Detector
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
MAX6840 MAX6839 MAX6838 MAX6837 MAX6836 MAX6835 MA |
1.575 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit 16-Bit Shift Registers 24-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators 20-LCCC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 超低电压SC70封装电压检测器和レP复位电路 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and µ.P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and μP Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?? Reset Circuits 1.050 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.575 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.050 V, 219 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
BU4827FP3-TR BU4927FP3-TR BU4832FP3-TR BU4932FP3-T |
Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
CMX631A |
Low Power Operation Low Voltage SPM Detector
|
CML Microcircuits
|
BU4945G BU4909G BU4910G BU4911G BU4912G BU4913G BU |
Low Voltage Detector IC
|
ROHM[Rohm]
|
R3111H361A R3111H361A-T1 R3111H361A-TR R3111H361A- |
LOW VOLTAGE DETECTOR
|
RICOH electronics devices division
|
TC53 TC53N3002ETR TC53C1802CTTR TC53C1802ETR TC53C |
The TC53 is a low power voltage detector. Typical supply current consumption is only 1A at an input voltage of 2V. The voltage detection threshold setting is factory-programmed and guaranteed to ±2% accuracy. Threshold settings are a
|
MICROCHIP[Microchip Technology]
|
FX631D5 FX631DW FX631P FX631 |
Low-Voltage SPM Detector
|
CMLMICRO[CML Microcircuits]
|
KIA7042AP |
Active Low Voltage Detector
|
KEC
|